Part Number Hot Search : 
BTLYGR2 S822TRW 60300 SMI5037 X76F102H TL074BCD 3007A DS142
Product Description
Full Text Search
 

To Download 1N4690 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
1N4678 - 1N4717
VZ : 1.8 - 43 V PD : 500 mW
FEATURES :
* Zener voltage specified at 50 A * Maximum delta V Z given from 10 A to 100 A * Very high stability * Low noise * Pb / RoHS Free
ZENER DIODES
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
0.020 (0.52)max.
1.00 (25.4) min.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specifie
Parameter
Power Dissipation at TL 50 C (Note1) Maximum Forward Voltage at I F = 200 mA Thermal Resistance Junction to Ambient Thermal Resistance Junction to Lead Operating and Storage Temperature Range
Note :
Symbol
PD VF RJA RJL TJ, TSTG
Value
500 1.1 310 250 -65 to + 175
Unit
mW V C/W C/W C
(1) At 3/8" (10 mm) lead length from body, when mounted on FR4 PC board as described for thermal resistance.
Page 1 of 3
Rev. 01 : August 16, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
Electrical Characteristics (Rating at 25 C ambient temperature unless otherwise specified)
Type No. (Note 1)
1N4678 1N4679 1N4680 1N4681 1N4682 1N4683 1N4684 1N4685 1N4686 1N4687 1N4688 1N4689 1N4690 1N4691 1N4692 1N4693 1N4694 1N4695 1N4696 1N4697 1N4698 1N4699 1N4700 1N4701 1N4702 1N4703 1N4704 1N4705 1N4706 1N4707 1N4708 1N4709 1N4710 1N4711 1N4712 1N4713 1N4714 1N4715 1N4716 1N4717
Nominal Zener Voltage(3) VZ @ I ZT (V)
1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43
Zener Test Current IZT A
50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
Max. Voltage Regulation VZ (V)
(2, 3)
Max. Reverse Leakage Current IR (A)
7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10 10 10 10 10 10 1.0 1.0 1.0 1.0 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01 0.01
Max. Zener Current IZM (mA)
240 220 200 190 180 170 160 150 140 130 120 110 100 90 70 63.6 58.0 54.8 52.4 49.6 43.2 40.8 38.0 35.0 32.6 30.8 29.0 26.4 25.0 23.8 21.6 19.8 19.0 17.6 17.0 15.8 14.4 13.2 12.2 11.0
(2)
@
VR (V)
1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.0 2.0 3.0 3.0 4.0 5.0 5.1 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.8 10.6 11.4 12.1 12.9 13.6 14.4 15.2 16.7 18.2 19.0 20.4 21.2 22.8 25.0 27.3 29.6 32.6
0.70 0.70 0.75 0.80 0.85 0.90 0.95 0.95 0.97 0.99 0.99 0.97 0.96 0.95 0.90 0.75 0.50 0.10 0.08 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 0.20 0.22 0.24 0.25 0.27 0.28 0.30 0.33 0.36 0.39 0.43
Notes : (1) The type numbers shown have a standard tolerance of 5 % on the nominal zener voltage. (2) VZ @ 100 A minus VZ @ 10 A (3) The electrical characteristics are measured after allowing the device to stabilize for 20 seconds when mounted with 3/8" minimum lead length from the base.
Page 2 of 3
Rev. 01 : August 16, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
RATING AND CHARACTERISTIC CURVES ( 1N4678 - 1N4717 )
FIG.1 - POWER DERATING CURVE
FIG.2 - ZENER VOLTAGE TEMPERATURE COEFFICIENT VS. ZENER VOLTAGE
500
0.10
TEMPERATURE COEFFICIENT, (%/C)
0 50 100 150 200
RATED POWER DISSIPATION, (mW)
400
0.08
300
0.06
200
0.04
100
0.02
0
0 0 10 20 30 40 50
LEAD TEMPERATURE, (C)
NOMINAL ZENER VOLTAGE, (V)
FIG.3 - CAPACITANCE VS. VZ CURVE
1000
TYPICAL CAPACITANCE, (pF)
100 At zero volts
10 At - 2 volts(VR)
1 0 10 20 30 40 50
ZENER VOLTAGE, (V)
Page 3 of 3
Rev. 01 : August 16, 2006


▲Up To Search▲   

 
Price & Availability of 1N4690

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X